Part Number Hot Search : 
T041659 UTC3563 D15AA LAS15A06 M28W640 FR204 HF38903M 36410
Product Description
Full Text Search
 

To Download CMZ5333B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CMZ5333B - cmz5388b power: 5.0wa t t s voltage range: 3.3 - 200v 1 of 2 low leakage current high reliability high peak reverse power dissipation complete voltage range 3.3 to 200 volts maximum ratings @ t a = 25c unless otherwise specified features rating symbol value unit power dissipation at t l = 25 c p d 5w maximum forward voltage at i f = 1.0 a v f 1.2 v thermal resistance, junction to ambient (note 1) r ? ja 90 c/w thermal resistance, junction to lead (note 1) r ? jl 25 c/w operating and storage temperature range t j , t stg - 65 to + 150 c note : (1) when mounted on fr4 pc board (1 oz cu) with recommended footprint. surface mount silicon zener diodes ! ! ! ! dim min max a 5.59 6.22 b 6.60 7.11 c 2.75 3.18 d 0.15 0.31 e 7.75 8.13 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm a b c d g h e j smc/do-214ab www.sunmate.tw ! case: smc/do-214ab, molded plastic ! terminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! weight: 0.21 grams (approx.) mechanical data ! ! ! ! !
2 of 2 electrical characteristics (rating at 25 c ambient temperature unless otherwise specified) regulator maximum zener maximum reverse maximum maximum maximum type voltage impedance leakage current zener current surge current voltage v z @ i zt i zt z zt @ i zt z z k @ i z k i z k i r @ v r i zm i zsm regulator (v) (ma) ( ? )( ? ) (ma) ( a) (v) (ma) (a) ? v z CMZ5333B cmz5334b cmz5335b cmz5336b cmz5337b cmz5338b cmz5339b cmz5340b cmz5341b cmz5342b cmz5343b cmz5344b cmz5345b cmz5346b cmz5347b cmz5348b cmz5349b cmz5350b cmz5351b cmz5352b cmz5353b cmz5354b cmz5355b cmz5356b cmz5357b cmz5358b cmz5359b cmz5360b cmz5361b cmz5362b cmz5363b cmz5364b cmz5365b cmz5366b cmz5367b cmz5368b cmz5369b cmz5370b cmz5371b cmz5372b cmz5373b cmz5374b cmz5375b cmz5376b cmz5377b cmz5378b cmz5379b cmz5380b cmz5381b cmz5382b cmz5383b cmz5384b cmz5385b cmz5386b cmz5387b cmz5388b 3.3 380 3.0 400 1.0 300 1.0 1440 20.0 0.85 3.6 350 2.5 500 1.0 150 1.0 1320 18.7 0.80 3.9 320 2.0 500 1.0 50 1.0 1220 17.6 0.54 4.3 290 2.0 500 1.0 10 1.0 1100 16.4 0.49 4.7 260 2.0 450 1.0 5.0 1.0 1010 15.3 0.44 5.1 240 1.5 400 1.0 1.0 1.0 930 14.4 0.39 5.6 220 1.0 400 1.0 1.0 2.0 856 13.4 0.25 6.0 200 1.0 300 1.0 1.0 3.0 790 12.7 0.19 6.2 200 1.0 200 1.0 1.0 3.0 765 12.4 0.10 6.8 175 1.0 200 1.0 10 5.2 700 11.5 0.15 7.5 175 1.5 200 1.0 10 5.7 630 10.7 0.15 8.2 150 1.5 200 1.0 10 6.2 580 10.0 0.20 8.7 150 2.0 200 1.0 10 6.6 545 9.5 0.20 9.1 150 2.0 150 1.0 7.5 6.9 520 9.2 0.22 10 125 2.0 125 1.0 5.0 7.6 475 8.6 0.22 11 125 2.5 125 1.0 5.0 8.4 430 8.0 0.25 12 100 2.5 125 1.0 2.0 9.1 395 7.5 0.25 13 100 2.5 100 1.0 1.0 9.9 365 7.0 0.25 14 100 2.5 75 1.0 1.0 10.6 340 6.7 0.25 15 75 2.5 75 1.0 1.0 11.5 315 6.3 0.25 16 75 2.5 75 1.0 1.0 12.2 295 6.0 0.30 17 70 2.5 75 1.0 0.5 12.9 280 5.8 0.35 18 65 2.5 75 1.0 0.5 13.7 265 5.5 0.40 19 65 3.0 75 1.0 0.5 14.4 250 5.3 0.40 20 65 3.0 75 1.0 0.5 15.2 237 5.1 0.40 22 50 3.5 75 1.0 0.5 16.7 216 4.7 0.45 24 50 3.5 100 1.0 0.5 18.2 198 4.4 0.55 25 50 4.0 110 1.0 0.5 19.0 190 4.3 0.55 27 50 5.0 120 1.0 0.5 20.6 176 4.1 0.60 28 50 6.0 130 1.0 0.5 21.2 170 3.9 0.60 30 40 8.0 140 1.0 0.5 22.8 158 3.7 0.60 33 40 10 150 1.0 0.5 25.1 144 3.5 0.60 36 30 11 160 1.0 0.5 27.4 132 3.3 0.65 39 30 14 170 1.0 0.5 29.7 122 3.1 0.65 43 30 20 190 1.0 0.5 32.7 110 2.8 0.70 47 25 25 210 1.0 0.5 35.8 100 2.7 0.80 51 25 27 230 1.0 0.5 38.8 93.0 2.5 0.90 56 20 35 280 1.0 0.5 42.6 86.0 2.3 1.00 60 20 40 350 1.0 0.5 45.5 79.0 2.2 1.20 62 20 42 400 1.0 0.5 47.1 76.0 2.1 1.35 68 20 44 500 1.0 0.5 51.7 70.0 2.0 1.50 75 20 45 620 1.0 0.5 56.0 63.0 1.9 1.60 82 15 65 720 1.0 0.5 62.2 58.0 1.8 1.80 87 15 75 760 1.0 0.5 66.0 54.5 1.7 2.00 91 15 75 760 1.0 0.5 69.2 52.5 1.6 2.20 100 12 90 800 1.0 0.5 76.0 47.5 1.5 2.30 110 12 125 1000 1.0 0.5 83.6 43.0 1.4 2.50 120 10 170 1150 1.0 0.5 91.2 39.5 1.3 2.50 130 10 190 1250 1.0 0.5 98.8 36.6 1.2 2.50 140 8.0 230 1500 1.0 0.5 106 34.0 1.2 2.50 150 8.0 330 1500 1.0 0.5 114 31.6 1.1 3.00 160 8.0 350 1650 1.0 0.5 122 29.4 1.1 3.00 170 8.0 380 1750 1.0 0.5 129 28.0 1.0 3.00 180 5.0 430 1750 1.0 0.5 137 26.4 1.0 4.00 190 5.0 450 1850 1.0 0.5 144 25.0 0.9 5.00 200 5.0 480 1850 1.0 0.5 152 23.6 0.9 5.00 www.sunmate.tw


▲Up To Search▲   

 
Price & Availability of CMZ5333B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X